Part Number Hot Search : 
BC300 HC352 CY7C006 7MBP75 00145 LM993 AD7750 74AC1
Product Description
Full Text Search
 

To Download SML75HB06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  collector-emitter voltage vces 600 v dc collector current tc=75c tc=25c i c , nom ic 75 100 a repetitive peak collector cur- rent tp=1msec,tc=75c i crm 150 a total powerdissipation tc=25c p tot 260 w gate-emitter peak voltage v ges +/-20 v dc forward diode current i f 75 a repetitive peak forward current tp=1msec i frm 150 a i 2 t value per diode vr=0v, tp=10msec, tvj=125c i 2 t 500 a 2 sec isolation test voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -metal matrix base plate -aln isolation maximum rated values/ electrical properties SML75HB06 collector-emitter saturation voltage ic=75a,vge=15v, tc=25c ic=75a,vge=15v,tc=125c v ce(sat) 1.95 2.2 2.45 v gate threshold voltage vce=vge, tvj=25c vge (th) 4.5 5.5 6.5 v input capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c ies 3.2 nf reverse transfer capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c res 0.3 nf collector emitter cut off current vce=600v,vge=0v,tvj=25c vce=600v,vge=0v,tvj=125c i ces 1 1 500 a gate emitter cut off current vce=0v,vge=20v,tvj=25c i ges 400 a
turn on delay time ic=75a, vcc=300v vge=+/15v,rg=3 ? ,tvj=25c vge=+/-15v,rg=3 ? ,tvj=125c t d,on 63 65 nsec nsec rise time ic=75a, vcc=300v vge=+/-15v,rg=3 ? ,tvj=25c vge=+/-15v,rg=3 ? ,tvj=125c tr 22 1025 nsec nsec turn off delay time ic=75a, vcc=300v vge=+/-15v,rg=3 ? ,tvj=25c vge=+/-15v,rg=3 ? ,tvj=125c t d , off 155 170 nsec nsec fall time ic=75a, vcc=300v vge=+/-15v,rg=3 ? ,tvj=25c vge=+/-15v,rg=3 ? ,tvj=125c t f 20 35 nsec nsec turn energy loss per pulse ic=75a,vce=300v,vge=15v rge=2.7 ? ,tvj=125c,l=35nh e on 0.7 mj turn off energy loss per pulse ic=75a,vce=300v, vge=15v rge= ? ,tvj=125c,l=30nh e off 2.4 mj sc data tp 10sec, vge 15v tvj 125c,vcc=360v,vce(max)- vces-l di/dt i sc 340 a stray module inductance l ce 40 nh terminal-chip resistance r c 1.2 m ? forward voltage ic=75a,vge=0v, tc=25c ic=75a,vge=0v, tc=125c v f 1.25 1.2 1.6 v peak reverse recovery current if=75a, -di/dt=3000a/sec vce=300v,vge=-10v,tvj=25c vce=300v,vge=-10v,tvj=125c i rm 95 115 a recovered charge if=75a, -di/dt=3000a/sec vce=600v,vge=-10v,tvj=25c vce=600v,vge=-10v,tvj=125c q r 5.1 7.9 c reverse recovery energy if=75a, -di/dt=3000a/sec vce=600v,vge=-10v,tvj=25c vce=600v,vge=-10v,tvj=125c e rec . 2.3 mj mj diode characteristics
thermal resistance junction to case igbt diode r j-c 0.48 0.89 k/w thermal resistance case to heatsink r c-hs 0.03 k/w maximum junction temperature t vj 150 c maximum operating temperature t op -55 125 c storage temperature t stg -55 125 c thermal properties min typ max



circuit diagram


▲Up To Search▲   

 
Price & Availability of SML75HB06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X